Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB201L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DB201L
Description  2.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB201L Datasheet(HTML) 1 Page - Micro Commercial Components

  DB201L Datasheet HTML 1Page - Micro Commercial Components DB201L Datasheet HTML 2Page - Micro Commercial Components DB201L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB
201L
THRU
DB
207L
2.0 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
•
4-PIN DIP Package
•
Glass Passivated Diode Construction
•
High Surge
Forward Current Capability
•
Operating Junction Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB
201L
DB
201L
50V
35V
50V
DB
202L
DB
202L
100V
70V
100V
DB
203L
DB
203L
200V
140V
200V
DB
204L
DB
204L
400V
280V
400V
DB
205L
DB
205L
600V
420V
600V
DB
206L
DB
206L
800V
560V
800V
DB
207L
DB
207L
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0 A T
A = 40
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.
1V
IFM =
2.0A;
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
TJ = 25°C
DB
L-1
Revision:
A
20
16/02/03
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.
150
.
185
3.81
4.69
E
.
093
.
096
2.
35
2.45
A
B
C
D
E
G
H
+
-
~
~
Notch
F
H
G
INCHES
MM
.195
.01
8
.02
3
.4
6
.56
.205
5.00
5.20
F
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Thermal Resistance : Rthja:
68C/W;RthJL:15C/W.
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
• Epoxy meets UL 94 V-0 flammability rating
I2t
15A2S
Current Squared
Time
1ms≤t<8.3ms Tj=25℃,
Rating of per diode
Micro Commercial Components
M C C
TM
.
050
.
080
1.27
2.03
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - DB201L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
More results

Similar Description - DB201L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
2KBP005 MCC-2KBP005_17 Datasheet
211Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com