Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1219 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1219
Description  Voltage-Controlled, Single-Pole, Normally Closed, 4-Pin SIP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1219 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1219 Datasheet HTML 1Page - IXYS Corporation CPC1219 Datasheet HTML 2Page - IXYS Corporation CPC1219 Datasheet HTML 3Page - IXYS Corporation CPC1219 Datasheet HTML 4Page - IXYS Corporation CPC1219 Datasheet HTML 5Page - IXYS Corporation CPC1219 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R06
CPC1219
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Voltage
15
V
Input Power Dissipation
225
mW
Total Power Dissipation 1
800
mW
Isolation Voltage, Input to Output
2500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
-I
L
-
-
200
mA
rms / mADC
Peak
t
≤10ms
I
LPK
-
-
±400
mA
P
On-Resistance 2
I
L=200mA
R
ON
--
16
Off-State Leakage Current
V
IN=5V , VL=60VP
I
LEAK
--
1
A
Switching Speeds
Turn-On (Output Closed)
V
IN = 5V, VL = 10V
t
on
--
5
ms
Turn-Off (Output Open)
t
off
--
5
ms
Output Capacitance
V
IN=5V, VL=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Voltage
Output Open
I
L = 200mA
V
IN
-
-
3.75
V
Output Closed
1
-
-
V
Recommended Operating Range
5
-
12
V
Reverse Input Current
V
IN = -5V
I
R
--
10
A
Input Resistor
-
-
900
1000
1100
Common Characteristics
Capacitance, Input to Output
-
-
-
1
-
pF
1
Load current derates linearly from 200mA @ 25oC to 125mA @80oC.
2
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com