Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT03 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT03
Description  Low Noise, Matched Dual PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03 Datasheet(HTML) 3 Page - Analog Devices

  MAT03 Datasheet HTML 1Page - Analog Devices MAT03 Datasheet HTML 2Page - Analog Devices MAT03 Datasheet HTML 3Page - Analog Devices MAT03 Datasheet HTML 4Page - Analog Devices MAT03 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(TA = 25°C, unless otherwise noted)
Collector to base voltage (BVCBO) ................................................................................................36V
Collector to emitter voltage (BVCEO) .............................................................................................36V
Collector to collector voltage (BVCC) ............................................................................................36V
Emitter to emitter voltage (BVEE)..................................................................................................36V
Collector current (IC)..................................................................................................................20mA
Emitter current (IE).....................................................................................................................20mA
Total power dissipation 1/ .....................................................................................................500mW
Operating ambient temperature range .........................................................................-55 to +125°C
Operating junction temperature range .....................................................................-55°C to +125°C
Storage temperature range ......................................................................................-65°C to +150°C
Lead temperature (soldering, 60 sec) .................................................................................... +300°C
Dice junction temperature ...................................................................................................... +150°C
1/
Rating applies to applications not using heat sinking, device is free air only.
Thermal Resistance, cerpac (L) Package
Junction-to-Case ( JC) = 80°C/W Max
Junction-to-Ambient ( JA) = 180°C/W Max
Derate linearly at 5.56 mW/°C for ambient temperatures above 70°C.
Hz
nV/
Table I Notes:
1/
VCB = -15V, IC = 10 A, unless otherwise specified.
2/
Current gain match ( hFE) is defined as: hFE =
.
3/
Guaranteed by VOS test (TCVOS = VOS/T for VOS << VBE) (T = 298°K for TA = +25°C).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com