Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP12 Datasheet(PDF) 2 Page - Analog Devices

Part # OP12
Description  Precision Low-Input Current Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP12 Datasheet(HTML) 2 Page - Analog Devices

  OP12 Datasheet HTML 1Page - Analog Devices OP12 Datasheet HTML 2Page - Analog Devices OP12 Datasheet HTML 3Page - Analog Devices OP12 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OP12
ASD0011410 Rev. F | Page 2 of 4
3.0
Absolute Maximum Ratings. (TA = 25°C, unless otherwise noted)
Supply Voltage ................................................................................................................... ±20V
Power Dissipation ...........................................................................................................500mW
Differential Input Current (Note 1)................................................................................. ±10mA
Input Voltage (Note 2)........................................................................................................ ±15V
Output Short-Circuit Duration ..................................................................................... Indefinite
Operating Temperature Range ......................................................................... -55°C to +125°C
Storage Temperature Range ............................................................................. -65°C to +150°C
Lead Temperature (Soldering, 60 sec.) ........................................................................... +300°C
Dice Junction Temperature (TJ) ....................................................................... -65°C to +150°C
Thermal resistance, junction to case (ΘJC)...................................................see MIL-STD-1835
Thermal resistance, junction to ambient (ΘJA)
8-lead metal can (TO)...................................................................................... 150°C/W
8-lead cerdip .....................................................................................................119°C/W
NOTES:
1. The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current
will flow if a differential input voltage in excess of 1V is applied between the inputs without some
limiting resistance.
2. For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltages.
4.0
Electrical Table:
Table I
Parameter
See notes at end of table
Symbol
Conditions
VS = ±15V, RS = 50Ω
Unless otherwise specified
Sub-
group
Limit
Min
Limit
Max
Units
Input Offset Voltage
VOS
1
0.15
mV
2, 3
0.35
Input Offset Current
IOS
1
0.20
nA
2, 3
0.40
Input Bias Current
IB
1
±2.0
2, 3
±3.0
Input Voltage Range 1/
IVR
1, 2, 3
±13
V
Common-Mode Rejection
CMR
1
104
dB
VCM = ±13V
2, 3
100
Power Supply Rejection
PSRR
1
7
μV/V
VS = ±5V, ±15V
2, 3
10
Output Voltage Swing
VO
RL = 10kΩ
4, 5, 6
±13
V
RL = 5kΩ
4, 5, 6
±10
Large-Signal Voltage Gain
AVO
RL = 10kΩ
4
80
V/mV
VO = ±10V
RL = 2kΩ
4
50
RL = 5kΩ
5, 6
40
Supply Current
ISY
VS = ±5V
1
0.6
mA
No Load
VS = ±15V
2, 3
0.6
1/
IVR is defined as the VCM range used for the CMR test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com