Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C2162-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C2162-24
Description  SMA Male to N Female Bulkhead Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2162-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2162-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2162-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2162-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2162-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2162-24 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.62
0.7
0.82
1
1.22
dB
Insertion Loss (Typ.)
0.56
0.62
0.74
0.88
1.08
dB
VSWR (Max.)
1.25:1
1.25:1
1.25:1
1.35:1
1.4:1
.
Mechanical Specifications
Cable Assembly
Length
24 in [609.6 mm]
Diameter
0.875 in [22.23 mm]
.
Cable
Cable Type
PE-P142LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP, Green
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
PE3C2162-24 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Female Bulkhead Low Loss Cable 24 Inch Length Using PE-P142LL Coax,
RoHS PE3C2162-24
RF Cable Assemblies Technical Data Sheet
PE3C2162-24
SMA Male to N Female Bulkhead Low Loss Cable
24 Inch Length Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com