Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN15975 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FN15975
Description  Ronda Assembly
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15975 Datasheet(HTML) 2 Page - Ledil, Inc.

  FN15975 Datasheet HTML 1Page - Ledil, Inc. FN15975 Datasheet HTML 2Page - Ledil, Inc. FN15975 Datasheet HTML 3Page - Ledil, Inc. FN15975 Datasheet HTML 4Page - Ledil, Inc. FN15975 Datasheet HTML 5Page - Ledil, Inc. FN15975 Datasheet HTML 6Page - Ledil, Inc. FN15975 Datasheet HTML 7Page - Ledil, Inc. FN15975 Datasheet HTML 8Page - Ledil, Inc. FN15975 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
RONDA-C_Datasheet
Led, see compatibility www.ledil.com
Hekla socket, see compatibility www.ledil.com
F15635_RONDA-HLD-C
Ronda optics
M3 screw+washer
Clips
OPTIC/HOLDER ASSEMBLY
1. Place pin on the side of the lens into relative
hole on the holder.
2.Press the lens under clips on the holder,
ensuring both clips are fixed.
Pin
Holder hole
53.9
3.42
Oval beam direction
20.46
(with socket)
16.61
Leads out
AWG20 recommended
28.2
Max.
(F156156_Ronda WAS)
Holder C can be turned 90 ->fixing screw can be
at beam direction or 90 angle to it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com