Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ401G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # KBJ401G
Description  4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBJ401G Datasheet(HTML) 2 Page - Micro Commercial Components

  KBJ401G Datasheet HTML 1Page - Micro Commercial Components KBJ401G Datasheet HTML 2Page - Micro Commercial Components KBJ401G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBJ4005G THRU KBJ410G
Volts
Instantaneous Reverse Leakage Current -
uA
Percent Of Rated Peak Reverse Voltage - Volts
%
Average Forward Rectified Current -
Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
4
5
Figure 2
Typical Reverse Characteristics
µAmps
1
000
40
TJ=25
°C
Revision: E
2017/07/20
Typical Forward Characteristics
Figure 1
Amps
Volts
Instantaneous Forward Current -
Amperesversus
Instantaneous Forward Voltage - Volts
6
TJ=100
°C
TJ=125
°C
.01
0.1
1.0
10
1
00
120
0
140
80
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
1
10
T
A
=25
oC
T
A
=125
oC
T
A
=150
oC
1
100
4
0
8
Figure 4
Peak Forward Surge Current
Amps
Cycles
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
2
6
10 20
40 60 80
40
80
160
120



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com