Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1YS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB1YS
Description  0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB1YS Datasheet(HTML) 1 Page - Micro Commercial Components

  MB1YS Datasheet HTML 1Page - Micro Commercial Components MB1YS Datasheet HTML 2Page - Micro Commercial Components MB1YS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB
1YS
0.
8 Amp Single Phase
Glass Passivated
Bridge Rectifier
1600 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB
1YS
MB
1YS
1600V
1120V
1600V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.8 A
(
2)
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 0.4A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
100uA
TA = 25
TA = 125
Typical Thermal
Resistance
RthJA
RthJA
RthJL
85
/W
(2)
70
/W
(3)
20
/W
(2)
per leg
Typical Junction
Capacitance
CJ
13pF
(Typ) Measured at
1.0MHz, VR=4.0V
Rating For Fusing
I
2t
5.0A
2s
t<8.30ms
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MBS -1








.252
.276
6.40
7.00


6

2.70

.019
.031
0.50
0.80

.090
.106
2.30
2.70

.002
.008
0.05
0.20
.027
.043
0.70
1.10

.058
.062
1.47
1.57

.195
.205
4.95
5.21
B
C
D
A
F
G
H
E
+
-
∼
∼
∼
∼
∼
∼
∼
∼
K
J
M
N
C
.142
.165
3.60
4.20
D
.179
.195
4.55
4.95
Revision:
A
2016/08/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
0.280
(7.10)
0.105 (2.67)
0.095 (2.41)
0.055
(1.40)
0.031
0.80
Mounting Pad Layout
•
Glass Passivated Diode Construction
•
High Temperature Soldering Guaranteed:260 C/10 Second
•
Saves Space On Printed Circuit Board
www.mccsemi.com
1 of
3
O
C
5uA
O
C
O
C
O
C
O
C
O
C
M
.039
.049
0.99
1.24
N
.006
.016
0.15
0.41
2. On aluminum substrate P.C.B. with an area of 0.8” x 0.8”(20 x 20mm) mounted
on 0.05 x 0.05”(1.3x 1.3mm) solder pad
~
~
-
+
Case Style
o

•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
UL Recognized File # E165989
•
Teminals: Plated leads Solderable per MIL-STD-750,Method 2026
Micro Commercial Components
M C C
R
35pF(Max)


Similar Part No. - MB1YS

ManufacturerPart #DatasheetDescription
logo
GREATECS
MB1 GREATECS-MB1 Datasheet
298Kb / 1P
SMT Multi-Direction Switches
logo
SOVICO corp.
MB1 SOVICO-MB1 Datasheet
131Kb / 1P
Wireless Belt Type Microphone
logo
Multicomp Pro
MB1 MULTICOMP-MB1 Datasheet
297Kb / 1P
Multipurpose Boxes with Lids
26/11/21 V1.1
MB1 MULTICOMP-MB1 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Premier Farnell Limited...
MB1 DURATOOL-MB1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
More results

Similar Description - MB1YS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HD01 MCC-HD01 Datasheet
93Kb / 2P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
First Components Intern...
D1S FCI-D1S Datasheet
125Kb / 2P
0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
DIYI Electronic Technol...
EABS1 DYELEC-EABS1 Datasheet
1Mb / 2P
SINGLE PHASE 0.8 AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF2 DYELEC-RABF2_17 Datasheet
5Mb / 3P
SINGLE PHASE 0.8 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ2510H MCC-GBJ2510H Datasheet
272Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 1600 Volts
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com