Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB12S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB12S
Description  1 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB12S Datasheet(HTML) 1 Page - Micro Commercial Components

  MB12S_13 Datasheet HTML 1Page - Micro Commercial Components MB12S_13 Datasheet HTML 2Page - Micro Commercial Components MB12S_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB12S
THRU
MB110S
1 Amp Surface Mount
Rectifier
20 to 100 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB12S
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
20mA
TA = 25
TA = 100
Typical Thermal
Resistance
RthJA
RthJL
88
/W
(2)
28
/W
(2)
per leg
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55 to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MBS -1










.252
.276
6.40
7.00


6

2.70

.019
.031
0.50
0.80

.090
.106
2.30
2.70

.002
.008
0.05
0.20
.027
.043
0.70
1.10

.058
.062
1.47
1.57

.195
.205
4.95
5.21
B
C
D
A
F
G
H
E
+
-
∼∼∼∼
∼∼∼∼
K
J
M
N
C
.142
.165
3.60
4.20
D
.179
.195
4.55
4.95
Revision:
G
2015/01/13
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
0.280
(7.10)
0.105 (2.67)
0.095 (2.41)
0.055
(1.40)
0.031
(0.80)
Mounting Pad Layout
•
High Temperature Soldering Guaranteed:260 C/10 Second
•
Saves Space On Printed Circuit Board
www.mccsemi.com
1 of 3
0.5mA
O
C
O
C
O
C
O
C
M
.039
.049
0.99
1.24
N
.006
.016
0.15
0.41
TM
Micro Commercial Components
~
~
-
+
Case Style
o
MB12S
20V
14V
20V
MB14S
MB14S
40V
28V
40V
MB16S
MB16S
60V
42V
60V
MB18S
MB18S
80V
56V
80V
MB110S
MB110S
100V
100V
70V
1A
MB12S~MB14S
VF
MB16S
MB18S~MB110S
0.70V
IFM = 1A;
TA = 25
OC
0.50V
0.85V
OC
2. Thermal resistance form junction to ambient and from junction to lead P.C.B.
mounted on 0.2*0.2"(5.0*5.0mm) copper pad areas.
Schottky Bridge
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
Teminals: Plated leads Solderable per MIL-STD-750,Method 2026
•
Moisture Sensitiviy:Level 1 per J-STD-020C


Similar Part No. - MB12S_13

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
More results

Similar Description - MB12S_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB12S MCC-MB12S Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
MB12S-MB110S MCC-MB12S-MB110S Datasheet
258Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MB12S LUGUANG-MB12S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
Micro Commercial Compon...
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
MB12M MCC-MB12M Datasheet
273Kb / 3P
1 Amp Schottky Bridge Rectifier 20 to 100 Volts
MB22S MCC-MB22S Datasheet
281Kb / 3P
2 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com