Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP100S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP100S
Description  5,000 V - 12,500 V Rectifier Stacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP100S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP100S Datasheet HTML 1Page - List of Unclassifed Manufacturers SP100S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
187
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
8
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
5,000 V - 12,500 V Rectifier Stacks
0.5 A Forward Current
3000 ns Recovery Time
SP50S SP75S
SP100S SP125S
2.00(50.80)
MIN.
L ±.020
.500 ±.020
(12.70 ±.50)
0.51 ±.003
(1.30 ±.08)
.250 ±.020
(6.35 ±.50)
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
li
o
n
i
(
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
h
t
g
n
e
L
e
s
a
C
)
L
(
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
n.
n
i
S
0
5
P
S
S
5
7
P
S
S
0
0
1
P
S
S
5
2
1
P
S
0
0
0
5
0
0
5
7
0
0
0
0
1
0
0
5
2
1
5
.
0
5
.
0
5
.
0
5
.
0
3
3
.
0
3
3
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
2
5
.
8
0
.
7
1
0
.
7
1
5
.
5
2
0
.
2
0
.
2
0
.
2
0
.
2
0
4
0
4
0
4
0
4
8
8
8
8
0
0
0
3
0
0
0
3
0
0
0
3
0
0
0
3
5
2
1
.
1
5
2
6
.
1
0
0
0
.
2
5
7
3
.
2


Similar Part No. - SP100S

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Astrodyne Corporation
SP100 ASTRODYNE-SP100 Datasheet
343Kb / 4P
100W Single Output with PFC Function
logo
Amphenol Corporation
SP100 AMPHENOL-SP100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Campbell Scientific Uni...
SP100 CAMPBELL-SP100 Datasheet
869Kb / 3P
SP5, SP10, SP30, SP60 and SP100 Series
January 23, 2018
logo
Astrodyne Corporation
SP100-12 ASTRODYNE-SP100-12 Datasheet
343Kb / 4P
100W Single Output with PFC Function
More results

Similar Description - SP100S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6513U ETC-1N6513U Datasheet
99Kb / 2P
2,000 V - 5,000 V Rectifiers
1N6521U ETC-1N6521U Datasheet
98Kb / 2P
2,000 V - 5,000 V Rectifiers
1N6837 ETC-1N6837 Datasheet
162Kb / 2P
2,000 V - 5,000 V Rectifiers
M50FF3 ETC1-M50FF3 Datasheet
92Kb / 2P
5,000 V - 16,000 V Rectifiers
FP125F ETC1-FP125F Datasheet
48Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
logo
Voltage Multipliers Inc...
SP125F VMI-SP125F Datasheet
74Kb / 2P
12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
SP150S VMI-SP150S Datasheet
75Kb / 2P
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
FP125S VMI-FP125S Datasheet
74Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
logo
New Jersey Semi-Conduct...
1N6513LL NJSEMI-1N6513LL Datasheet
81Kb / 1P
2,000 V - 5,000 V Rectifiers
1N6836 NJSEMI-1N6836 Datasheet
80Kb / 1P
2,000 V - 5,000 V Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com