Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8367S Datasheet(PDF) 7 Page - Analog Devices

Part # AD8367S
Description  Variable Gain Amplifier with Automatic Gain Control Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367S Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8367S Datasheet HTML 3Page - Analog Devices AD8367S Datasheet HTML 4Page - Analog Devices AD8367S Datasheet HTML 5Page - Analog Devices AD8367S Datasheet HTML 6Page - Analog Devices AD8367S Datasheet HTML 7Page - Analog Devices AD8367S Datasheet HTML 8Page - Analog Devices AD8367S Datasheet HTML 9Page - Analog Devices AD8367S Datasheet HTML 10Page - Analog Devices AD8367S Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TABLE I NOTES:
1/ Ta = +25C, Ta max = +110C, Ta min = -55C. Unless otherwise noted, Supply Voltage VVPSO = VVPSI = VPS = 5V or 3V, VMODE = 2.4V,
VENBL = 2.8V, 100mV < VGAIN < 900mV, f = 70MHz, system impedance ZO = 200 Ω, and dBm values are relative to 50 Ω. AD8367R0703F is
tested to the R total dose level while AD8367L0703F is tested to the L total dose level.
2/ VGAIN
500mV
3/ Parameter is part of device initial characterization which is only repeated after design and process changes or with subsequent wafer lots.
Parameter not tested post irradiation.
4/ VGAIN
VDETO
5/ -36dBm < PINPT < 2.5dBm, except at Vs =3V, f=240MHz and Ta = 110C then -33.5dBm < PINPT < 2.5dBm.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com