Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG125-19/18NH Datasheet(PDF) 1 Page - ebm-papst

Part # RG125-19/18NH
Description  DC centrifugal fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RG125-19/18NH Datasheet(HTML) 1 Page - ebm-papst

  RG125-19/18NH Datasheet HTML 1Page - ebm-papst RG125-19/18NH Datasheet HTML 2Page - ebm-papst RG125-19/18NH Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / No-go alarm
- Alarm with limit speed
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analogue control input
- Protection against moisture
- Protection against salt fog
- Type of protection: IP 54 / IP 68
DC centrifugal fans
Series RG 125 N
180 x 180 x 40 mm
max.
137 m3/h
– Material:
Scroll housing: GRP1)
Impeller: GRP1)
Housing base: Sheet steel
– Direction of air flow: Axial: Intake
Centrifugal: Exhaust
– Connection:
Via single wires AWG 22,
TR 64
48 V model: Flat plug
6.3 x 0.8 mm for protective earth
– Highlights:
Backwards-curved impeller
– Mass:
730 g
1) Fibreglass-reinforced plastic
20
04 0
6 08 0
20
40
120
180
240
300
360
420
60
80
100
120
3
60
m³/h
CFM
1
2
Type
m3/h
CFM
VDC
VDC
Bel(A)
/
Watts
rpm
°C
Hours
Hours
RG 125-19/12 NM
60,0
35,3
12
7...15
4,8
2,0
1 750
-30...+75
70 000 / 30 000
117 500
➀
RG 125-19/12 N
87,5
51,5
12
7...15
5,8
5,2
2 550
-30...+75
62 500 / 27 500
105 000
➁
RG 125-19/14 NM
60,0
35,3
24
12...28
4,8
2,0
1 750
-30...+75
70 000 / 30 000
117 500
➀
RG 125-19/14 N
87,5
51,5
24
12...28
5,8
4,9
2 550
-30...+75
62 500 / 27 500
105 000
➁
RG 125-19/18 N
87,5
51,5
48
36...56
5,8
4,8
2 550
-30...+75
62 500 / 27 500
105 000
➁
RG 125-19/18 NH
137
80,6
48
36...56
7,0
19,0
4 000
-20...+70
55 000 / 27 500
92 500
➂
Subject to alternations
Nominal data
tin-pla
ted
100


Similar Part No. - RG125-19/18NH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RG125-19/18NH EBMPAPST-RG125-19/18NH Datasheet
113Kb / 1P
DC centrifugal fans
More results

Similar Description - RG125-19/18NH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com