Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM86312 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM86312
Description  1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM86312 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM86312 Datasheet HTML 4Page - STMicroelectronics STM86312 Datasheet HTML 5Page - STMicroelectronics STM86312 Datasheet HTML 6Page - STMicroelectronics STM86312 Datasheet HTML 7Page - STMicroelectronics STM86312 Datasheet HTML 8Page - STMicroelectronics STM86312 Datasheet HTML 9Page - STMicroelectronics STM86312 Datasheet HTML 10Page - STMicroelectronics STM86312 Datasheet HTML 11Page - STMicroelectronics STM86312 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
STM86312
8/16
(2) DATA SETTING COMMAND
This command sets data write and data read modes.
On power application, the normal operation mode and address increment mode are set.
Do not use STM86312 in test mode.
(3) ADDRESS SETTING COMMAND
This command sets an address of the display memory
If address 16H or higher is set, the data are ignored, until a correct address is set.
On power application, the address is set to 00H.
(4) DISPLAY CONTROL COMMAND
On power application, the 1/16-pulse width is set and the display is turned off.
*: On power application, key scanning is stopped.
MSB
LSB
0
1
-
-
0
b2b1b0
DATA WRITE AND READ MODE SETTING
00 : Write data to display memory
01 : Write data to LED port
10 : Read key data
11 : Read SW data
ADDRESS INCREMENT MODE SETTING
(DISPLAY MEMORY)
0= Increments address after data has been
written
1= Fixed address
Don’t Care
MSB
LSB
1
1
-
b4b3
b2b1b0
Address (00H-15H)
Don’t Care
MSB
LSB
1
0
-
-
b3
b2
b1
b0
DISPLAY MODE SETTING
000 : Set Pulse Width to 1/16
001 : Set Pulse Width to 2/16
010 : Set Pulse Width to 4/16
011:SetPulse Widthto10/16
100 : Set Pulse Width to 11/16
101 : Set Pulse Width to 12/16
110:SetPulse Widthto13/16
111 : Set Pulse Width to 14/16
TURNS ON/OFF DISPLAY
0= Display OFF (Key Scan Continues *)
1= Display ON
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com