Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW1680 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1680
Description  MediaTek Pump Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1680 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1680 Datasheet HTML 1Page - Dialog Semiconductor IW1680 Datasheet HTML 2Page - Dialog Semiconductor IW1680 Datasheet HTML 3Page - Dialog Semiconductor IW1680 Datasheet HTML 4Page - Dialog Semiconductor IW1680 Datasheet HTML 5Page - Dialog Semiconductor IW1680 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW1680 Product Summary
MediaTek Pump ExpressTM-Compatible
Digital PWM AC/DC Controller
Revison 0.5 Preliminary
iW1680
© 2014 Dialog Semiconductor GmbH
Product Summary
4 of 6
6.0 Physical Dimensions
1
3
4
6
5
2
6-Lead SOT Package
D
Compliant to JEDEC Standard MO-178AB
Controlling dimensions are in millimeters
This package is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D Moisture Sensitivity Level 1
[b] Package exceeds JEDEC Std No. 22-A111 for Solder Immersion Resistance;
packages can withstand 10 s immersion < 260ºC
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions
or gate burrs shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are
are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar
burrs and interlead flash, but including any mismatch between top and bottom of the plastic
body.
SEATING
PLANE
A1
COPLANARITY
0.10
E1
B
e
e1
A
A2
C
L
α
Millimeters
A1
MIN
MAX
0.00
0.15
A
-
1.45
B
0.30
0.50
C
0.08
0.22
D
2.80
3.00
E
E1
e
0.95 BSC
e1
1.90 BSC
2.80 BSC
1.60 BSC
L
0.30
0.60
0°
8°
α
A2
0.90
1.30
E
2.90 BSC
1
3
4
6
5
2
XYZN
SOT23-6 devices are marked with a 4-digit code. Orientation of Pin 1 is shown below:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com