Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB151 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB151
Description  15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB151 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB151 Datasheet HTML 1Page - Micro Commercial Components MB151 Datasheet HTML 2Page - Micro Commercial Components MB151 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB1505
THRU
MB1510
15 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35
Features
•
Mounting Hole For #10 Screw
•
High Conductivity Metal Case
•
Any Mounting Position
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.115
1.135
28.33
28.83
B
.427
.447
10.85
11.35
C
.428
.4
80
10.87
1
2.20
D
.688
.730
17.48
18.50
E
.618
.658
15.70
16.71
G
.200
---
5.08
---
∅
H
.618
.658
15.70
16.71
J
.530
.570
13.46
14.48
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB1505
MB1505
50V
35V
50V
MB151
MB151
100V
70V
100V
MB152
MB152
200V
140V
200V
MB154
MB154
400V
280V
400V
MB156
MB156
600V
420V
600V
MB158
MB158
800V
560V
800V
MB1510
MB1510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 7.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25
°C
TJ = 125
°C
B
C
E
AC
+
-
A
AC
G
H
A
D
J
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: C
2016/04/01
www.mccsemi.com
1 of 3
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989
Mounting Torgue: 20 in-lbs Maximum
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Micro Commercial Components
M C C
R


Similar Part No. - MB151

ManufacturerPart #DatasheetDescription
logo
Bytes
MB151 BYTES-MB151 Datasheet
156Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB151 DCCOM-MB151 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB151 FORMOSA-MB151 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB151 MCC-MB151 Datasheet
77Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Wing Shing Computer Com...
MB151 WINGS-MB151 Datasheet
225Kb / 2P
SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - MB151

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB1505 MCC-MB1505 Datasheet
77Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1505 MCC-MP1505 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1505W MCC-MB1505W Datasheet
149Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1505W MCC-MB1505W_13 Datasheet
266Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1505 MCC-MP1505_13 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1505W MCC-MP1505W Datasheet
238Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com