Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW3630 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3630
Description  AC/DC Digital Power Controller for High Power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3630 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3630 Datasheet HTML 1Page - Dialog Semiconductor IW3630 Datasheet HTML 2Page - Dialog Semiconductor IW3630 Datasheet HTML 3Page - Dialog Semiconductor IW3630 Datasheet HTML 4Page - Dialog Semiconductor IW3630 Datasheet HTML 5Page - Dialog Semiconductor IW3630 Datasheet HTML 6Page - Dialog Semiconductor IW3630 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW3630
AC/DC Digital Power Controller for High Power
Factor Analog and 0-10V Dimmable LED Drivers
Rev.1.1
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
27-Jan-2016
4 Pinout Description
Pin Number
Pin Name
Type
Pin Description
1
BVSENSE
Analog Input
Boost inductor voltage feedback input
2
VIN
Analog Input
Rectified AC line voltage input
3
BISENSE
Analog Input
Boost current sense input
4
BDRV
Output
Base drive output for boost BJT
5
TDRV
Output
0-10V isolation transformer drive output
6
ASU
Output
Active start-up and bleeder control
7
VCC
Power
Power supply for control logic and voltage sense for power-on reset circuit
8
PGND
Ground
Power ground
9
AGND
Ground
Signal ground. It should be connected to the power ground on PCB.
10
FDRV
Output
Gate drive output for flyback MOSFET
11
FISENSE
Analog Input
Flyback current sense (used for cycle-by-cycle peak current control and limit)
12
FVSENSE
Analog Input
Flyback voltage sense (used for primary-side regulation and ZVS)
13
DIM
Analog Input
Dimming level control input
14
VCB
Analog Input
Boost output voltage feedback input
Figure 4.1 : 14-Lead SOIC Package
iW3630
1
2
3
14
13
12
4
11
VCB
VIN
BISENSE
BDRV
FVSENSE
FISENSE
BVSENSE
DIM
5
6
7
10
9
8
FDRV
ASU
VCC
PGND
TDRV
AGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com