Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7044-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7044-20
Description  20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7044-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7044-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7044-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7044-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Outer Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body Rated to 2 Watts Up to 4 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
Rated to 2 Watts Up to 4 GHz PE7044-20
URL: https://www.pasternack.com/20db-fixed-n-male-n-female-2-watts-attenuator-pe7044-20-p.aspx
PE7044-20 REV 1.2
RF Fixed Attenuators Technical Data Sheet
PE7044-20
20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female
Passivated Stainless Steel Body Rated to 2 Watts Up to 4 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com