Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2002UPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2002UPS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2002UPS Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS Datasheet HTML 7Page - Diodes Incorporated DMP2002UPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 5 - 2
3 of 8
www.diodes.com
July 2016
© Diodes Incorporated
DMP2002UPS
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-20
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
-0.5
—
-1.4
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
1.3
1.9
m
VGS = -10V, ID = -25A
—
1.5
2.4
VGS = -4.5V, ID = -20A
—
2
3.8
VGS = -2.5V, ID = -15A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
12826
—
pF
VDS = -10V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
2547
—
Reverse Transfer Capacitance
Crss
—
1924
—
Gate Resistance
RG
0.9
4.2
6.6
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -10V)
Qg
—
476
585
nC
VDS = -10V, ID = -20A
Total Gate Charge (VGS = -4.5V)
Qg
—
228
282
Gate-Source Charge
Qgs
—
24.8
—
Gate-Drain Charge
Qgd
—
61.9
—
Turn-On Delay Time
tD(ON)
—
14.2
28
ns
VDD = -10V, VGEN = -4.5V,
RGEN = 1Ω, ID = -10A
Turn-On Rise Time
tR
—
35.4
70
Turn-Off Delay Time
tD(OFF)
—
361
578
Turn-Off Fall Time
tF
—
224
358
BODY DIODE CHARACTERISTICS
Continuous Body Diode Forward Current (Notes 5 & 8)
IS
—
—
-60
A
TC = +25°C
Diode Forward Voltage
VSD
—
-0.58
-1.1
V
VGS = 0V, IS = -5A
Reverse Recovery Time (Note 7)
tRR
—
137
219
ns
IF = -10A, di/dt = 100A/µs
Reverse Recovery Charge (Note 7)
QRR
—
221
332
nC
(Note 7)
tA
—
39
—
ns
(Note 7)
tB
—
98
—
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.
8. Package limited.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com