Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW56T Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAW56T
Description  150mW 85Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW56T Datasheet(HTML) 2 Page - Micro Commercial Components

  BAW56T Datasheet HTML 1Page - Micro Commercial Components BAW56T Datasheet HTML 2Page - Micro Commercial Components BAW56T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS
16T/BAW56T
www.mccsemi.com
Revision:
C
20
16/10/31
BA
V70T/BAV99T
0.0001
10
1
0.001
0.01
0.1
0
50
100
150
200
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 3, Typical Reverse Characteristics
V = 20V
R
V = 75V
R
2 of 3
Micro Commercial Components
M C C
R
200
150
100
50
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE
T
a
(
℃)
0
200
300
200
250
100
150
50
0
Single diode loaded
Double diode loaded
50
100
150
T , SOLDERING POINT TEMPERATURE
Fig.
1 Current Derating Curve
s
0.1
1
0.01
0.001
1.5
0
0.5
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.
2 Forward Characteristics
F
Fig.
4 Power Derating Curve
1.6
T =25
℃
a
f=1MHz
1.4
1.2
1.0
0.8
0.6
0
4
8
12
16
20
REVERSE VOLTAGE
V
R
(V)
Fig.
5 Capacitance Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com