Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV19WS
Description  250mW Small Signal Diodes 120 to 250 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV19WS Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV19WS_16 Datasheet HTML 1Page - Micro Commercial Components BAV19WS_16 Datasheet HTML 2Page - Micro Commercial Components BAV19WS_16 Datasheet HTML 3Page - Micro Commercial Components BAV19WS_16 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19WS
THRU
BAV21WS
250mW
Small Signal
Diodes
120 to 250 Volts
Features
•
Silicon Epitaxial Planar Diodes
•
For General Purpose
•
This diode is also available in other case.
Mechanical Data
•
Marking code:
BAV19WS=A8
BAV20WS=T2 BAV21WS=T3
Symbol
Parameters
Rating
Unit
VR
Continuous Reverse Voltage
BAV19WS
BAV20WS
BAV21WS
100
150
200
V
VRRM
Repetitive Peak Reverse Voltage BAV19WS
BAV20WS
BAV21WS
120
200
250
V
Io
200
mA
IFRM
Repetitive Peak Forward Current at f>50Hz, Ta=25
OC(1)
625
mA
IFSM
Ptot
Power Dissipation at Tamb=25
OC(1)
250
mW
RthJA
Thermal Resistance Junction to Ambient Air
500
K/W
TJ
Operating Junction Temperature
-65 to +150
OC
TSTG
Storage Temperature
-65 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=100V)
BAV19WS
(VR=100V, Tj=100
OC)
BAV19WS
(VR=150V)
BAV20WS
(VR=150V, Tj=100
OC)
BAV20WS
(VR=200V)
BAV21WS
(VR=200V, Tj=100
OC)
BAV21WS
---
---
---
---
---
---
---
---
---
---
---
---
100
15
100
15
100
15
nA
µA
nA
µA
nA
µA
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
1.5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision: C
2016/02/22
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
SOD-323
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
1 of 4
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
Valid provided that leads are kept at ambient temperature
Average Rectified Out put Current (Note1)
Non-Repetitive Peak Forward Surge Current@t=1us
@t=1s
2.5
0.5
A
IFM
Forward Continuous Current (Note1)
400
mA
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
VR(RMS)
R
MS Reverse Voltage
BAV19WS
BAV20WS
BAV21WS
71
106
141
V
Micro Commercial Components
M C C
R


Similar Part No. - BAV19WS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS_16 Datasheet
68Kb / 5P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV19WS_16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19 Datasheet
277Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
Small Signal Diodes 250mW
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
Small Signal Diodes 250mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com