Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8920B
Description  2 X 100 W class-D power amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920B Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8920B Datasheet HTML 1Page - NXP Semiconductors TDA8920B Datasheet HTML 2Page - NXP Semiconductors TDA8920B Datasheet HTML 3Page - NXP Semiconductors TDA8920B Datasheet HTML 4Page - NXP Semiconductors TDA8920B Datasheet HTML 5Page - NXP Semiconductors TDA8920B Datasheet HTML 6Page - NXP Semiconductors TDA8920B Datasheet HTML 7Page - NXP Semiconductors TDA8920B Datasheet HTML 8Page - NXP Semiconductors TDA8920B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
9397 750 13356
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
2 of 34
Philips Semiconductors
TDA8920B
2
× 100 W class-D power amplifier
4.
Quick reference data
5.
Ordering information
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General; VP = ±27 V
VP
supply voltage
±12.5
±27
±30
V
Iq(tot)
total quiescent
supply current
no load; no filter; no RC-snubber
network connected
-50
65
mA
Stereo single-ended configuration
Po
output power
RL =3 Ω; THD = 10 %; VP = ±27 V
-
110
-
W
RL =4 Ω; THD = 10 %; VP = ±27 V
-
86
-
W
Mono bridge-tied load configuration
Po
output power
RL =6 Ω; THD = 10 %; VP = ±27 V
-
210
-
W
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8920BTH
HSOP24
plastic, heatsink small outline package; 24 leads; low
stand-off height
SOT566-3
TDA8920BJ
DBS23P
plastic DIL-bent-SIL power package; 23 leads (straight
lead length 3.2 mm)
SOT411-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com