Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD2004SWT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD2004SWT
Description  250mW 300Volt Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD2004SWT Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD2004SWT Datasheet HTML 1Page - Micro Commercial Components MMBD2004SWT Datasheet HTML 2Page - Micro Commercial Components MMBD2004SWT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD2004SWT
250mW 300Volt
Dual Series
Switching Diode
SOT-323
Suggested Solder
Pad Layout
Features
•
Designed for applications requiring high voltage capability
•
Low Current Leakage
•
Small Outline Surface Mount Package
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
A
C
B
D
E
F
G
H
J
1.90
.70
.900
.
3
12
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: D
2013/09/24
1 of 3
K
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
300
V
DC Blocking Voltage
VR
240
V
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current @t=1us
4.0
A
@t=1s
1.0
A
Power Dissipation
PD
250
mW
IFSM
Parameter
Symbol Test Conditons MIN
MAX UNIT
Reverse breakdown voltage
VBR
IR=100uA
240
…
V
Reverse voltage leakage current
IR
VR=240V
…
0.1
uA
Forward voltage
VF
IF=100mA
…
1
V
Diode capacitance
CD
VR=0V,f=1MHz
…
5
pF
Reverse recovery time
Trr
IF=IR=30mA,
RL=100
…
50
ns
•
Marking: B6D
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.087
2.00
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.003
.006
.080
.150
K
.006
.016
.15
.40
DIMENSIONS
.65
.65
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - MMBD2004SWT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD2004SW DIODES-MMBD2004SW Datasheet
71Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 4 - 2
MMBD2004SW DIODES-MMBD2004SW Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
WILLAS ELECTRONIC CORP
MMBD2004SW WILLAS-MMBD2004SW Datasheet
461Kb / 3P
SOT-323 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
71Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 4 - 2
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
More results

Similar Description - MMBD2004SWT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
250mW 75Volts Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S Datasheet
274Kb / 3P
250mW 300Volt Dual Series Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S_13 Datasheet
307Kb / 3P
250mW 300Volt Dual Series Switching Diode
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
250mW SILICON ZENER DIODE
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
logo
Thinki Semiconductor Co...
30CPH03 THINKISEMI-30CPH03 Datasheet
2Mb / 5P
30Ampere,300Volt Dual Common Cathode Hyperfast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com