Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS7704B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TDS7704B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7704B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TDS7704B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS7704B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
7
Digital Phosphor Oscilloscopes
TDS7000B Series
Waveform Measurements
Amplitude – Amplitude, High, Low, Maximum,
Minimum, Peak-to-Peak, Mean, Cycle Mean, RMS,
Cycle RMS, Positive Overshoot, Negative Overshoot.
Time – Rise Time, Fall Time, Positive Width,
Negative Width, Positive Duty Cycle, Negative Duty
Cycle, Period, Frequency, Delay.
Combination – Area, Cycle Area, Phase, Burst Width.
Histogram-related – Waveform Count, Hits in Box,
Peak Hits, Median, Maximum, Minimum, Peak-to-
Peak, Mean (µ), Standard Deviation (
σ),µ + 1σ,
µ+ 2
σ,µ + 3σ.
Eye Pattern-related (B models only) – Extinction
Ratio (absolute, %, and dB), Eye Height, Eye Top,
Eye Base, Eye Width, Crossing %, Jitter (Peak-to-
Peak, RMS and 6
σ), Noise (Peak-to-Peak and
RMS), S/N ratio, Cycle Distortion, Q-factor.
Waveform Processing/Math
Algebraic Expressions – Define extensive algebraic
expressions including waveforms, scalars and
results of parametric measurements e.g. (Integral
(CH.1-Mean(CH.1)) x 1.414).
Arithmetic – Add, subtract, multiply, divide
waveforms and scalars.
Relational – Boolean result of comparison >, <,
>=, <=, ==, !=.
Calculus – Integrate, differentiate.
Frequency Domain Functions – Spectral magnitude
and phase, real and imaginary spectra.
Vertical Units – Magnitude: Linear, dB, dBm;
Phase: Degrees, radians.
Window Functions – Rectangular, Hamming,
Hanning, Kaiser-Bessel, Blackman-Harris,
Gaussian, Flattop2, Tek Exponential.
Waveform Definition – As arbitrary math expression.
Display Characteristics
Display Type – Liquid crystal active-matrix
color display.
Display Size – Diagonal: 264 mm (10.4 in.).
Display Resolution –
TDS7104/TDS7054: 640 horizontal x 480
vertical pixels.
TDS7154B/TDS7254B/TDS7404B/TDS7704B:
1024 horizontal x 768 vertical pixels.
Waveform Styles – Vectors, Dots, Variable
Persistence, Infinite Persistence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com