Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46400 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 17Page - Dialog Semiconductor SLG46400 Datasheet HTML 18Page - Dialog Semiconductor SLG46400 Datasheet HTML 19Page - Dialog Semiconductor SLG46400 Datasheet HTML 20Page - Dialog Semiconductor SLG46400 Datasheet HTML 21Page - Dialog Semiconductor SLG46400 Datasheet HTML 22Page - Dialog Semiconductor SLG46400 Datasheet HTML 23Page - Dialog Semiconductor SLG46400 Datasheet HTML 24Page - Dialog Semiconductor SLG46400 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
000-0046400-109
Page 15 of 89
SLG46400
7.4.3 PIN 4 Register Settings
7.4.4 PIN 5 Register Settings
Table 3. PIN 4 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 4 Initial State
Control
<687:686>
00: Output Floating
01: Output Ground
10: Output Power
11: Output Follow Input
PIN 4 Mode Control <690:688>
000: Digital In with Schmitt Trigger
001: Digital In without Schmitt Trigger
010: Low Voltage Digital In without Schmitt Trigger
011: Analog IO
100: 2X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
101: Open Drain
110: Analog Input & Open Drain Mode
111: 1X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
PIN 4 Pull Up/Down
Resistor Value
Selection
<692:691>
00: Floating
01: 50k
Ω Resistor
10: 100k
Ω Resistor
11: 300k
Ω Resistor
PIN 4 Pull Up/Down
Resistor
<693>
0: Pull Down Resistor
1: Pull Up Resistor
Table 4. PIN 5 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 5 Initial State
Control
<695:694>
00: Output Floating
01: Output Ground
10: Output Power
11: Output Follow Input
PIN 5 Mode Control <698:696>
000: Digital In with Schmitt Trigger
001: Digital In without Schmitt Trigger
010: Low Voltage Digital In without Schmitt Trigger
011: Reserved
100: 2X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
101: Open Drain
110: Reserved
111: 1X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
PIN 5 Pull Up/Down
Resistor Value
Selection
<700:699>
00: Floating
01: 50k
Ω Resistor
10: 100k
Ω Resistor
11: 300k
Ω Resistor
PIN 5 Pull Up/Down
Resistor
<701>
0: Pull Down Resistor
1: Pull Up Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com