Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT46WS
Description  Schottky Barrier Diode 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT46WS Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT46WS Datasheet HTML 1Page - Micro Commercial Components BAT46WS Datasheet HTML 2Page - Micro Commercial Components BAT46WS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
High breakdown voltage
Low turn-on voltage
Guard ring construction for transient protection
Mechanical Data
Polarity: Indicated by Cathode Band
Marking:
S9
Maximum Ratings @ 25
oC Unless Otherwise Specified
Symbol
Value
Unit
100
V
150
mA
350
mA
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
VRRM
VRWM
750
mA
Forward Continuous Current
Power Dissipation
Pd
200
mW
R
thja
500
K/W
Thermal Resistance Junction to Ambient Air
Junction temperature
Tj
-55 to +125
o
C
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Min
Typ
Max Unit
Test Cond.
Forward Voltage
Drop(Note2)
VF
0.25
0.45
1
V
Reverse voltage leakage
current
IR
0.3
0.5
µA
IF=
0.1mA
IF=10mA
IF=
250mA
VR=
1.5V
VR=
10V
VR=50V
VR=75V
Diode capacitance
CT
20
VR=
0V, f=1.0MHz
BAT4
6WS
Schottky Barrier
Diode
200mW
SOD323
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
A
20
15/12/30
1 of 3
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
2.
Short duration pulse test used to minimize self-heating effect.
Notes:
1.
Part mounted on FR-4 board with recommended pad layout.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
IF
Repetitive peak Forward Current (Note 1)@ tp <
1.0s, Duty Cycle < 50%
IFRM
Non-repetitive Peak Forward surge current
@ t = 8.3ms
IFSM
Storage temperature
TSTG -55 to +1
50
o
C
1
2
Reverse breakdown
voltage(Note 2)
VR
100
V
IR=100µA
VR=1V, f=1.0MHz
12
pF


Similar Part No. - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT46WS JIANGSU-BAT46WS Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
logo
TECH PUBLIC Electronics...
BAT46WS TECHPUBLIC-BAT46WS Datasheet
1Mb / 6P
Schottky Diodes
logo
SHIKUES Electronics
BAT46WS SKTECHNOLGY-BAT46WS Datasheet
327Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
BAT46WS LEIDITECH-BAT46WS Datasheet
580Kb / 2P
Schottky Barrier Iode
logo
FutureWafer Tech Co.,Lt...
BAT46WS FUTUREWAFER-BAT46WS Datasheet
1Mb / 10P
Schottky Barrier Rectifier
27-DEC-2021 V 2.1
More results

Similar Description - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
Schottky barrier switching diode 200mw
logo
Micro Commercial Compon...
BAS40DW-06 MCC-BAS40DW-06 Datasheet
221Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com