Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT720 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT720
Description  350mW Schottky Diodes 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT720 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT720_13 Datasheet HTML 1Page - Micro Commercial Components BAT720_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT720
350mW
Schottky Diodes
40 Volts
Features

Very Low Forward Voltage Drop.

Guard Ring Protected

Untral Small Surface Mount Package

Marking: L61

Weight: 0.008 grams (approx.)
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
Continuous Reverse Voltage
40
V
VR(RMS)
RMS Reverse Voltage
28
V
IO
Average Rectified Current
(1)
0.50
A
IFSM
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load(JEDEC Method)
2.0
A
PD
Power Dissipation
(1)
350
mW
RJA
Thermal Resistance Junction to Ambient
Air
(1)
286
OC/W
TJ
Junction Temperature
125
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=500mAdc )
(Note 1)
IR
Reverse Current
(Note 2)
(VR=35Vdc)
---
CT
Capacitance
(VR=0, f=1.0MHz)
60
----
90
pF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
TM
Micro Commercial Components
---
0.55
V
100
µA
---
---
Internal Structure Schematic Diagram
www.mccsemi.com
1 of 2
K
Mechanical Data
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.Part mounted on FR-4 PC board with recommended pad layout
2.Short duration test pulse used to minimize self-heating effect.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAT720_13

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT720 KEXIN-BAT720_15 Datasheet
643Kb / 2P
Schottky Diodes
logo
NXP Semiconductors
BAT720 PHILIPS-BAT720_15 Datasheet
167Kb / 10P
Schottky barrier diode
Rev. 4-14 November 2012
More results

Similar Description - BAT720_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
BAT720 MCC-BAT720 Datasheet
201Kb / 2P
350mW Schottky Diodes 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
logo
Weitron Technology
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
Micro Commercial Compon...
BAT720WT MCC-BAT720WT Datasheet
383Kb / 3P
350mW Schottky Diodes 40 Volts
SM5817PL MCC-SM5817PL_17 Datasheet
481Kb / 4P
Schottky Barrier Diodes 20 to 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com