Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM15PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FSM15PL
Description  1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FSM15PL Datasheet(HTML) 1 Page - Micro Commercial Components

  FSM15PL Datasheet HTML 1Page - Micro Commercial Components FSM15PL Datasheet HTML 2Page - Micro Commercial Components FSM15PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSM11PL
THRU
FSM1
7PL
1.0 Amp Fast
Recovery Rectifier
50 to
1000 Volts
Features
x
Operating Temperature(Tj): -65
to +150
x
Storage Temperature(TSTG): -65
to +150
x
Maximum Thermal Resistance(RthJA): 75
/W
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FSM11PL
F1
50V
35V
50V
FSM12PL
F2
100V
70V
100V
FSM13PL
F3
200V
140V
200V
FSM14PL
F4
400V
280V
400V
FSM15PL
F5
600V
420V
600V
FSM16PL
F6
800V
560V
800V
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TL = 110
Peak Forward Surge
Current
IFSM
30.0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V-
IFM =1.0A;
TA = 25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Reverse
Recovery Time
Trr
150ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*6.0mm
2
copper pads to each terminal
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: C
2013/01/01
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
TM
Micro Commercial Components
100uA-----TA=
125
FSM11PL-14PL
FSM15PL
FSM16PL-17PL
250ns
500ns
*
A
B
E
C
D
H
G
www.mccsemi.com
1 of 3
x
For Surface Mount Application
x
Fast Recovery Time For High Efficiency
x
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
FSM17PL
F7
1000V
700V
1000V
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Glass Passivated Junction


Similar Part No. - FSM15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM15PL MCC-FSM15PL Datasheet
76Kb / 3P
1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
FSM15PL MCC-FSM15PL Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FSM15PL SUNMATE-FSM15PL Datasheet
310Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Nanjing International G...
FSM15PL DGNJDZ-FSM15PL Datasheet
302Kb / 2P
1.0 Amp Fast Recover Rectifier
More results

Similar Description - FSM15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F1 MCC-1F1 Datasheet
89Kb / 2P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
1F1 MCC-1F1_11 Datasheet
427Kb / 3P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
1F1 MCC-1F1_13 Datasheet
453Kb / 3P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com