Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2090DR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2090DR
Description  QUAD POWER-DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2090DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2090DR Datasheet HTML 9Page - Texas Instruments TPS2090DR Datasheet HTML 10Page - Texas Instruments TPS2090DR Datasheet HTML 11Page - Texas Instruments TPS2090DR Datasheet HTML 12Page - Texas Instruments TPS2090DR Datasheet HTML 13Page - Texas Instruments TPS2090DR Datasheet HTML 14Page - Texas Instruments TPS2090DR Datasheet HTML 15Page - Texas Instruments TPS2090DR Datasheet HTML 16Page - Texas Instruments TPS2090DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
400
410
420
430
440
450
460
470
480
490
500
–40
0
25
85
125
SHORT-CIRCUIT OUTPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
VI(IN) = 3.3 V
VI(IN) = 2.7 V
VI(IN) = 5 .5V
VI(IN) = 4 .5V
VI(IN) = 5V
Figure 21
THRESHOLD TRIP CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
0.57
0.59
0.61
0.63
0.65
0.67
2.5
3
3.5
4
4.5
5
5.5
6
TA = 25°C
Load Ramp = 1 A/10 ms
Figure 22
2.16
2.18
2.2
2.22
2.24
2.26
2.28
2.3
2.32
2.34
2.36
–40
0
25
85
125
UNDERVOLTAGE LOCKOUT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
Start Threshold
Stop Threshold
Figure 23
0
50
100
150
200
250
300
02
4
6
8
10
Peak Current – A
CURRENT LIMIT RESPONSE
vs
PEAK CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com