Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP249FZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP249FZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249FZ Datasheet(HTML) 1 Page - Analog Devices

  OP249FZ Datasheet HTML 1Page - Analog Devices OP249FZ Datasheet HTML 2Page - Analog Devices OP249FZ Datasheet HTML 3Page - Analog Devices OP249FZ Datasheet HTML 4Page - Analog Devices OP249FZ Datasheet HTML 5Page - Analog Devices OP249FZ Datasheet HTML 6Page - Analog Devices OP249FZ Datasheet HTML 7Page - Analog Devices OP249FZ Datasheet HTML 8Page - Analog Devices OP249FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Precision JFET, High Speed,
Dual Operational Amplifier
Data Sheet
OP249
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1989–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Slew rate: 22 V/µs typical
Settling time (0.01%): 1.2 µs maximum
Offset voltage: 200 µV typical
Open-loop gain: 1000 V/mV minimum
Total harmonic distortion: 0.002% typical
APPLICATIONS
Output amplifier for fast DACs
Signal processing
Instrumentation amplifiers
Fast sample-and-holds
Active filters
Low distortion audio amplifiers
Input buffer for ADCs
Servo controllers
PIN CONFIGURATIONS
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP249
A
B
Figure 1. 8-Lead CERDIP (Q-8) and
8-Lead PDIP (N-8)
+IN A
1
V–
2
+IN B
3
–IN B
4
–IN A
8
OUT A
7
V+
6
OUT B
5
A
B
OP249
Figure 2. 8-Lead SOIC (R-8)
GENERAL DESCRIPTION
The OP249 is a high speed, precision dual JFET op amp, similar
to the popular single op amp. The OP249 outperforms available
dual amplifiers by providing superior speed with excellent dc
performance. Ultrahigh open-loop gain (1 kV/mV minimum),
low offset voltage, and superb gain linearity makes the OP249
the industry’s first true precision, dual high speed amplifier.
With a slew rate of 22 V/µs typical and a fast settling time of less
than 1.2 µs maximum to 0.01%, the OP249 is an ideal choice for
high speed bipolar DAC and ADC applications. The excellent
dc performance of the OP249 allows the full accuracy of high
resolution CMOS DACs to be realized.
Symmetrical slew rate, even when driving large load, such as,
600 Ω or 200 pF of capacitance and ultralow distortion, make
the OP249 ideal for professional audio applications, active filters,
high speed integrators, servo systems, and buffer amplifiers.
10
0%
100
90
870ns
500ns
10mV
0.01
0.001
20
100
1k
10k 20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 10kΩ
AV = 1
10
0%
100
90
5V
1µs
Figure 3. Fast Settling (0.01%)
Figure 4. Low Distortion, AV = 1, RL = 10 kΩ
Figure 5. Excellent Output Drive, RL = 600 Ω


Similar Part No. - OP249FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249FZ AD-OP249FZ Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
OP249FZ AD-OP249FZ Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249FZ AD-OP249FZ Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
More results

Similar Description - OP249FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
High Speed, Precision JFET Input Operational Amplifier?
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_07 Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
logo
Analog Devices
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249 AD-OP249_15 Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com