Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS81102G0 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS81102G0
Description  DMUX 8-/10-bit 2 GHz 1:4/8
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0 Datasheet(HTML) 2 Page - ATMEL Corporation

  TS81102G0 Datasheet HTML 1Page - ATMEL Corporation TS81102G0 Datasheet HTML 2Page - ATMEL Corporation TS81102G0 Datasheet HTML 3Page - ATMEL Corporation TS81102G0 Datasheet HTML 4Page - ATMEL Corporation TS81102G0 Datasheet HTML 5Page - ATMEL Corporation TS81102G0 Datasheet HTML 6Page - ATMEL Corporation TS81102G0 Datasheet HTML 7Page - ATMEL Corporation TS81102G0 Datasheet HTML 8Page - ATMEL Corporation TS81102G0 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TS81102G0
2105C–BDC–11/03
Block Diagram
Figure 1. Block Diagram
B 2
Counter
(8 stage
shift register)
DataReady
generation
Data Path
Clock Path
mux
Port Selection Clock
Data
Output
Clock
Even Ports
Odd Ports
mux
delay
delay
even
master
latch
even
slave
latch
odd
master
latch
odd
slave
latch
8/10
8
Counter
NAP
8/10
Status
ClkPar
8
8
1
DR/DR
FS/8
FS/8
BIST
8/10
Phase
control
RstGen
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com