Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1520F Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR1520F
Description  15 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1520F Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR1520F Datasheet HTML 1Page - Micro Commercial Components MBR1520F Datasheet HTML 2Page - Micro Commercial Components MBR1520F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2016/10/01
www.mccsemi.com
2 of 3
■Characteristics (Typical)
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.5
1.0
10
20
60
5.0
Ta=25℃
0.8
0.9 1.0
0.1
0
20V~4
5V
100
1.1
1.2
FIG3: Forward Voltage
Instantaneous Forward Voltage (V)
50V~60V
Tj=25℃
Tj=100℃
0.001
0.01
0
100
0.1
1.0
10
100
FIG.4: Typical Reverse Characteristics
20
40
60
80
Percent of Rated Peak Reverse Voltage (%)
0
0
50
100
150
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Case Temperature(℃)
FIG1:Io -Tc Curve
16.0
Number of Cycles
1
2
5
10
20
50
100
75
100
125
150
8.3ms Single
Half Sine-Wave
JEDEC Method
175
50
25
FIG2:Surge Forward Current Capability
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com