Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20100FCT
Description  20 Amp Barrier Rectifier Schottky 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20100FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20100FCT Datasheet HTML 1Page - Micro Commercial Components MBR20100FCT Datasheet HTML 2Page - Micro Commercial Components MBR20100FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THRU
20 Amp
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2020FCT
20V
14V
20V
MBR2030FCT
30V
21V
30V
MBR2035FCT
35V
24.5V
35V
MBR2040FCT
40V
28V
40V
MBR2045FCT
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TA = 120°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2020FCT-2045FCT
2060FCT
VF
.70V
.80V
2020FCT-2045FCT
2060FCT
.84V
.95V
2080FCT-20100FCT
.95V
IFM = 20A;
TA =25°C
IFM = 10A;
TA =25°C
2080FCT-20100FCT
.85V
2020FCT-2045FCT
2060FCT
.72V
.85V
2080FCT-20100FCT
.85V
IFM = 20A;
TA =125°C
MBR20100FCT
100V
70V
100V
MBR2080FCT
80V
56V
80V
MBR2060FCT
60V
42V
60V
IR
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
2020FCT~2045FCT
2060FCT~20100FCT
2020FCT~2045FCT
2060FCT~20100FCT
TA = 25°C
TA = 125°C
Barrier Rectifier
Schottky
MBR2020FCT
MBR20100FCT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
ITO-220AB
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
Maximum Ratings
20 to 100 Volts
0.1mA
0.
05mA
50mA
20mA
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Revision:
B
20
16/02/02
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Marking : type number
•
High Current Capability, High Efficiency
•
Low Forward Voltage Drop
•
High Surge Capacity
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Micro Commercial Components
M C C
TM


Similar Part No. - MBR20100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR20100FCT CTC-MBR20100FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
logo
Pan Jit International I...
MBR20100FCT PANJIT-MBR20100FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
176Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR20100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com