Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP14E Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP14E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14E Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP14E Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14E Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Microchip Technology Company
©2012 Silicon Storage Technology, Inc.
DS70675A
03/12
Product Brief
www.microchip.com
Features
• Excellent RF Stability with Moderate Gain:
– Typically 23.5 dB gain across 2.4 – 2.5 GHz
• High Linear Output Power (at 3.3V):
– Meets 802.11g OFDM ACPR requirement up to 22 dBm
– ~2.5% added EVM up to 18 dBm for 54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 22 dBm
• High Power-added Efficiency/Low Operating Current
for 802.11b/g/n Applications
– ~33% @ POUT = 22 dBm for 802.11g
• Limited variation over temperature
– 2.5 dB gain variation between -40°C to +85°C
– 1 dB power variation between -40°C to +85°C
• Low Shut-down Current: <2.5 µA (typical)
• Temperature and load insensitive on-chip power
detector
– >15dB dynamic range
– <+/- 0.3dB variation between 0°C to +85°C
– <+/- 0.4dB variation with 2:1 VSWR mismatch
– <+/- 0.3dB variation Ch1 through Ch14
• Simple input/output matching
• Packages Available
– 6-contact XSON – 1.5mm x 1.5mm
– 8-contact XSON – 2mm x 2mm
• All Non-Pb (lead-free) Devices are RoHS Compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
Block Diagram
Product Ordering
Valid combinations for SST12LP14E
SST12LP14E-QX8E
SST12LP14E-QX6E
SST12LP14E Evaluation Kits
SST12LP14E-QX8E-K
SST12LP14E-QX6E-K
Note: Valid combinations are those products in mass produc-
tion or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations
and to determine availability of new combinations.
RFIN
VCCB
VREF
DET
VCC1
VCC2
RFOUT
75021 B1.0
Bias Circuit
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP14E
SST12LP14E is a high-efficiency, ultra-compact power amplifier (PA) based on
the highly-reliable InGaP/GaAs HBT technology. Designed to operate over the 2.4
- 2.5 GHz frequency band, SST12LP14E typically provides 23.5 dB gain with 33%
power-added efficiency at 22 dBm output.This power amplifier has excellent lin-
earity while meeting 802.11g spectrum mask requirements up to 22 dBm. The
device typically consumes only 95 mA total current at 18 dBm output power, with
linear 54 Mbps 802.11g modulation. This efficiency is desirable in embedded
applications such as in hand-held units. The SST12LP14E also features easy,
board-level usage along with high-speed power-up/-down control through a single
combined reference voltage pin and is offered in both 6- and 8-contact XSON
packages.


Similar Part No. - SST12LP14E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
More results

Similar Description - SST12LP14E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP08A SST-SST12LP08A Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com