Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHIPSESD Datasheet(PDF) 4 Page - Littelfuse

Part # CHIPSESD
Description  ChipSESD family of Silicon ESD devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CHIPSESD Datasheet(HTML) 4 Page - Littelfuse

  CHIPSESD Datasheet HTML 1Page - Littelfuse CHIPSESD Datasheet HTML 2Page - Littelfuse CHIPSESD Datasheet HTML 3Page - Littelfuse CHIPSESD Datasheet HTML 4Page - Littelfuse CHIPSESD Datasheet HTML 5Page - Littelfuse CHIPSESD Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
N
C
A
Full Radius
Access Hole at
Slot Location
(ø40mm min.)
If present,
tape slot in core
for tape start:
4.5 ± 0.05 width x 10.0mm (min) depth
W
2 (Measured at hub)
W
3 (Includes flange distortion at outer edge)
B
W
1 (Measured at hub)
D
(Hub diameter,
maximum weight of reel and contents = 13.6kg)
(Arbor hole diameter)
B
D
Label
A
E
C
F
G
Table CE6 — Reel Specifications
P0
P0
P2
P1
P2
F
B
F
W
W
E2
E1
øD1
øD0
Embossment
User Direction of Unreeling
[10 pitches cumulative tolerance
on tape ±0.2mm]
B1 is for tape feeder reference only,
including draft concentric about B0
Center Lines of Cavity
Cover Tape
A0
P1
B0
B1
K0
T2
T1
T
T
A
D
E
Table CE5 — Tape Specifications
Tape Dimension
EIA Mark
SESD0201P1BN-0400-090
SESD0402P1BN-0450-090
Dimension (mm)
Dimension (mm)
A
0.35 ± 0.02
0.58 ± 0.03
B
0.67 ± 0.02
1.20 ± 0.03
D
1.55 ± 0.05
1.55 ± 0.05
E
1.75 ± 0.05
1.75 ± 0.05
F
3.50 ± 0.05
3.50 ± 0.05
W
8.00 ± 0.10
8.00 ± 0.10
P0
4.00 ± 0.10
4.00 ± 0.10
P1
2.00 ± 0.05
2.00 ± 0.05
P2
2.00 ± 0.05
2.00 ± 0.05
T
0.42 ± 0.03
0.60 ± 0.03
Figure CE5
Reel Dimension
EIA Mark
Dimension (mm)
A
178.0 ± 2.0
B
2.0 ± 0.5
C
13.0 ± 0.5
D
21.0 ± 0.8
E
62.0 ± 1.5
F
9.0 ± 0.5
G
13.0 ± 1.0
Figure CE6
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
70
ChipSESD Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com