Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITPL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # KITPL
Description  Kit Potentiometer Linear Analog Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPL Datasheet(HTML) 6 Page - Vishay Siliconix

  KITPL Datasheet HTML 1Page - Vishay Siliconix KITPL Datasheet HTML 2Page - Vishay Siliconix KITPL Datasheet HTML 3Page - Vishay Siliconix KITPL Datasheet HTML 4Page - Vishay Siliconix KITPL Datasheet HTML 5Page - Vishay Siliconix KITPL Datasheet HTML 6Page - Vishay Siliconix KITPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KITPL
www.vishay.com
Vishay MCB
Revision: 10-Mar-17
6
Document Number: 32546
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (on request)
• Other ohmic values (Rn)
• Other tolerances on Rn
• Other linearities:
KITPL085 ± 0.04 % (2.5 mm to 14.5 mm) else 0.1 %
• Other theoretical electrical travels
• Other dimensions
DIMENSIONS in millimeters
KITPL345 AND OTHER ON REQUEST
TYPE
TET MAX.
UET MIN.
L1 ± 0.1
L2 ± 0.5
KITPL070
26
25
65
69.5
KITPL095
51
50
90
94.5
KITPL145
102
100
140
144.5
KITPL195
152
150
190
194.5
KITPL245
202
200
240
244.5
KITPL295
252
250
290
294.5
KITPL345
302
300
340
344.5
KITPL445
402
400
440
444.5
A
A
A-A
TET (Total electrical travel)
UET (Useful electrical travel)
L1
L2
8
References
Axis of wiper
Tin soldering
Tin soldering
Ø 5.2
Ø 2.6
Track
Collector



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com