Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P22S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P22S
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P22S Datasheet(HTML) 3 Page - Vishay Siliconix

  P22S Datasheet HTML 1Page - Vishay Siliconix P22S Datasheet HTML 2Page - Vishay Siliconix P22S Datasheet HTML 3Page - Vishay Siliconix P22S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P22S
www.vishay.com
Vishay MCB
Revision: 06-Oct-16
3
Document Number: 32512
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise direction viewed from control shaft side
POWER RATING CHART
OPTIONS (on request)
• Other nominal resistance
• Other tolerances on Rn
• Other linearity
• Other electrical travels: 205° ± 5°; 58° (-2°; 0)
• Center tap: U/2 ± 1 %; U/2 ± 1.5 %
• Other shaft diameter
• Anti-rotation system
• Mechanical stops
• Other pinning
• Reinforced mechanical fixation on track to support big efforts (by gluing)
P22SSS AND P22SSR
DIMENSIONS in millimeters
5.5
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
12
15.1 max.
12.5
0.5
=
=
A
C
B
°C
W/cm of travel
0
70
125
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com