Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITPR016 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KITPR016
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR016 Datasheet(HTML) 3 Page - Vishay Siliconix

  KITPR016 Datasheet HTML 1Page - Vishay Siliconix KITPR016 Datasheet HTML 2Page - Vishay Siliconix KITPR016 Datasheet HTML 3Page - Vishay Siliconix KITPR016 Datasheet HTML 4Page - Vishay Siliconix KITPR016 Datasheet HTML 5Page - Vishay Siliconix KITPR016 Datasheet HTML 6Page - Vishay Siliconix KITPR016 Datasheet HTML 7Page - Vishay Siliconix KITPR016 Datasheet HTML 8Page - Vishay Siliconix KITPR016 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 27-Apr-17
3
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
KITPR016
A
A
2
(working position)
2.03 ± 0.1
2.03 ± 0.1
B
B
B-B
Ø 15.6
max.
Ø 13.6 ± 0.1
Ø 1.4
(x 2)
+ 0.1
0
6.4 max.
3.2
15° ± 30’
Ø 16
(-)
(+)
(Wiper)
A-A
Ø 11.2 + 0.05
0
Ø 10.2 + 0.05
0
R6.5
± 0.05
15° ± 30’
Holes for client
screws fastening
Ø 1 + 0.05
0
Ø 1 + 0.05
0
1.8 0
- 0.1
Ø 0.5 max.
Ø 15.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com