Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POPR272103C345B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # POPR272103C345B
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POPR272103C345B Datasheet(HTML) 3 Page - Vishay Siliconix

  POPR272103C345B Datasheet HTML 1Page - Vishay Siliconix POPR272103C345B Datasheet HTML 2Page - Vishay Siliconix POPR272103C345B Datasheet HTML 3Page - Vishay Siliconix POPR272103C345B Datasheet HTML 4Page - Vishay Siliconix POPR272103C345B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POPR27
www.vishay.com
Vishay MCB
Revision: 04-Jan-17
3
Document Number: 32522
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 2
OPTION 3
DIMENSIONS in millimeters
0.4 max.
1 ± 0.1
9 ± 0.5
1.6 ± 0.1
16.5 max.
5.6 min.
54°
27°
0.762 ± 0.1
Depth 1.143 ± 0.1
1.6 ± 0.1
54°
27°
5.6 min.
0.4 max.
16.5 max.
1 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
10.5 ± 0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com