Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POPR273103C345B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # POPR273103C345B
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POPR273103C345B Datasheet(HTML) 1 Page - Vishay Siliconix

  POPR273103C345B Datasheet HTML 1Page - Vishay Siliconix POPR273103C345B Datasheet HTML 2Page - Vishay Siliconix POPR273103C345B Datasheet HTML 3Page - Vishay Siliconix POPR273103C345B Datasheet HTML 4Page - Vishay Siliconix POPR273103C345B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POPR27
www.vishay.com
Vishay MCB
Revision: 04-Jan-17
1
Document Number: 32522
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Turn Continuous Rotation Analog Displacement Sensor
FEATURES
• Conductive plastic potentiometer technology, infinite
resolution
• Servo mount anodized light alloy housing
• Precious metal contacts
• Stainless steel shaft and bearings
• Applicable standards: NFC 93255, MIL R 39023
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial, avionics
Dimensions
1 1/16" (27 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Theoretical electrical travel (TET)
345° ± 3°
Theoretical electrical travel (TET) - on request
30°
60°
90°
100°
140°
170°
180°
210°
308°
308°
348°
333° 20’
Useful electrical travel (UET) - on request
30°
44°
70°
90°
140°
170°
100°
210°
140°
180°
342°
300°
Independent linearity standard
± 1 %
Independent linearity optional
± 0.8 %, ± 0.5 %, ± 0.25 %, ± 0.2 %, ± 0.1 %
Total resistance (Rn)
4.7 k
 or 10 k
Tolerance on Rn
± 20 %
Output smoothness
 0.1 % ( 0.05 % on request)
Power rating at 70 °C
1.25 W (see “Power Rating Chart”)
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 100 R
n for linearity = 1 %
 1000 R
n for linearity  0.1 %
Insulation resistance
 1 G at 500 V
DC ( 10 G at 500 VDC on request)
Dielectric strength
750 VRMS, 50 Hz, 1 min
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical rotation
360° continuous
Moment of inertia
 0.4 g cm2 (for 1 stage),  0.2 g cm2 (per additional stage)
Mounting
Standard
Running and starting torque
 12 cN cm (for 1 stage),  10 cN cm (per additional stage)
Protection class
IP 50
Weight
< 18 g (for 1 stage), < 6 g (per additional stage)
PERFORMANCE
PARAMETER
Operating temperature range
-55 °C to +125 °C
Life
25M cycles
Rotation speed (max.)
600 rpm


Similar Part No. - POPR273103C345B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
More results

Similar Description - POPR273103C345B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensor
02-Mar-17
PP12SR VISHAY-PP12SR Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensor
25-Jan-18
PP36 VISHAY-PP36 Datasheet
91Kb / 3P
Single-Turn Continuous Rotation Analog Displacement Sensor
25-Jan-18
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com