Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7065-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7065-2
Description  0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7065-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7065-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7065-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Continuously Variable, Bidirectional Attenuator
Connector 1
SMA Female
Connector 2
SMA Female
Body Material and Plating
Aluminum
Electrical Specifications Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
4
GHz
Impedance
50
Ohms
Attenuation Value
10
dB
Step Type
Rotary
Input Power
5
Watts
Peak Power
3
KWatts
VSWR
1.8:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Insertion Loss
0.5
dB
.
Mechanical Specifications
Temperature
Operating Range
-65 to +125 deg C
Size
Length
4.5 in [114.3 mm]
Width
4 in [101.6 mm]
Height
4 in [101.6 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
SMA Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To
5 Watts From 2 GHz To 4 GHz PE7065-2
PE7065-2
PE7065-2 REV 1.2
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female
To SMA Female Rated To 5 Watts From 2 GHz To 4 GHz


Similar Part No. - PE7065-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
More results

Similar Description - PE7065-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-1 PASTERNACK-PE7065-1_14 Datasheet
369Kb / 2P
0 to 7 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-3 PASTERNACK-PE7065-3_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-4 PASTERNACK-PE7065-4_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-5 PASTERNACK-PE7065-5_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-6 PASTERNACK-PE7065-6_14 Datasheet
369Kb / 2P
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-7 PASTERNACK-PE7065-7_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-8 PASTERNACK-PE7065-8_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-9 PASTERNACK-PE7065-9_14 Datasheet
368Kb / 2P
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-10 PASTERNACK-PE7065-10_14 Datasheet
369Kb / 2P
0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-11 PASTERNACK-PE7065-11_14 Datasheet
369Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com