Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD110808 Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD110808
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808 Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD110808 Datasheet HTML 1Page - Advanced Linear Devices ALD110808 Datasheet HTML 2Page - Advanced Linear Devices ALD110808 Datasheet HTML 3Page - Advanced Linear Devices ALD110808 Datasheet HTML 4Page - Advanced Linear Devices ALD110808 Datasheet HTML 5Page - Advanced Linear Devices ALD110808 Datasheet HTML 6Page - Advanced Linear Devices ALD110808 Datasheet HTML 7Page - Advanced Linear Devices ALD110808 Datasheet HTML 8Page - Advanced Linear Devices ALD110808 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ALD110808A/ALD110808/
Advanced Linear Devices
5 of 12
ALD110908A/ALD110908, Vers. 2.3
TYPICAL PERFORMANCE CHARACTERISTICS
5
4
3
2
1
0
10
8
6
4
2
0
DRAIN-SOURCE ON VOLTAGE (V)
OUTPUT CHARACTERISTICS
TA = +25°C
VGS - VGS(th) = +5V
VGS - VGS(th) = +4V
VGS - VGS(th) = +3V
VGS - VGS(th) = +2V
VGS - VGS(th) = +1V
DRAIN-SOURCE ON CURRENT (µA)
2500
2000
1000
1500
0
500
10
10000
100
1000
DRAIN-SOURCE ON RESISTANCE
vs. DRAIN-SOURCE ON CURRENT
VGS = VGS(th) + 4V
VGS = VGS(th) + 6V
TA = +25°C
FORWARD TRANSFER CHARACTERISTICS
GATE-SOURCE VOLTAGE (V)
20
10
0
5
15
-4
0
-2
24
6
8
10
VGS(th) = -3.5V
VGS(th) = +1.4V
VGS(th) = -0.4V
VGS(th) = 0.0V
VGS(th) = +0.2V
VGS(th) = -1.3V
VGS(th) = +0.8V
TA = +25°C
VDS = +10V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
-50
-25
0
25
50
125
100
75
2.5
2.0
1.5
1.0
0
0.5
1
0
-1
-2
-3
-4
GATE-SOURCE VOLTAGE (V)
SUBTHRESHOLD FORWARD TRANSFER
CHARACTERISTICS
100000
10000
1000
100
10
1
0.1
0.01
2
TA = +25°C
VDS = +0.1V
SUBTHRESHOLD FORWARD TRANSFER
CHARACTERISTICS
GATE-SOURCE VOLTAGE (V)
10000
1000
100
10
1
0.1
0.01
VGS(th)-0.5
VGS(th)-0.4
VGS(th)-0.3
VGS(th)-0.2
VGS(th)-0.1
VGS(th)
VDS = +0.1V
Slope = 110mV/decade
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com