Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD110804PCL Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD110804PCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110804PCL Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD110804PCL Datasheet HTML 3Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 4Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 5Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 6Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 7Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 8Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 9Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 10Page - Advanced Linear Devices ALD110804PCL Datasheet HTML 11Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ALD110804/ALD110904, Vers. 2.3
Advanced Linear Devices
7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
AMBIENT TEMPERATURE (°C)
GATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
10000
1000
100
10
1
0.1
0.01
-50
-25
0
25
50
125
100
75
IGSS
DRAIN-SOURCE ON RESISTANCE (KΩ)
GATE SOURCE VOLTAGE vs.
DRAIN-SOURCE ON RESISTANCE
10
8
6
4
2
0
VGS(th)
VGS(th)+3
VGS(th)+2
VGS(th)+4
VGS(th)+1
VDS
IDS(ON)
D
VGS
S
+25°C
+125°C
0.0V ≤ VDS ≤ 5.0V
DRAIN-SOURCE ON CURRENT (µA)
DRAIN-GATE DIODE CONNECTED VOLTAGE
TEMPCO vs. DRAIN-SOURCE ON CURRENT
110
100
1000
5
2.5
0
-2.5
-5
-55°C ≤ TA ≤ +125°C
TRANSFER CHARACTERISTICS
GATE-SOURCE VOLTAGE (V)
-4
0
-2
24
6
8
1.6
0.8
0.0
0.4
1.2
10
VGS(th) = -3.5V
VGS(th) = -0.4V
VGS(th) = 0.0V
VGS(th) = +0.2V
VGS(th) = -1.3V
VGS(th) = +0.8V
VGS(th) = +1.4V
TA = +25°C
VDS = +10V
5.0
2.0
1.0
0.5
0.2
0.1
DRAIN-SOURCE ON VOLTAGE (V)
ZERO TEMPERATURE
COEFFICIENT CHARACTERISTICS
0.6
0.5
0.3
0.2
0.0
VGS(th) = -3.5V
VGS(th) = -1.3V, -0.4V, 0.0V, +0.2V, +0.8V, +1.4V
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
SUBTHRESHOLD CHARACTERISTICS
100000 10000
1000
100
10
1
0.1
DRAIN-SOURCE ON CURRENT (nA)
VGS(th) = +0.2V
TA = +25°C
VGS(th) = +0.2V
TA = +55°C
VGS(th) = +0.4V
TA = +25°C
VGS(th) = +0.4V
TA = +55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com