Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD210800ASCL Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD210800ASCL
Description  PRECISION N-CHANNEL EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210800ASCL Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD210800ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 9Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 10Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 11Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ALD210800A/ALD210800
Advanced Linear Devices
8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
DRAIN OFF LEAKAGE CURRENT IDS(OFF)
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
500
400
300
200
600
100
0
IDS(OFF)
OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
+10
+8
+6
+4
+2
-2
0
-10
-50
-25
0
+25
+50
+125
+100
+75
AMBIENT TEMPERATURE - TA (°C)
-8
-6
-4
REPRESENTATIVE UNITS
VOS = VGS(th)M1 - VGS(th)M2
VOS = VGS(th)M3 - VGS(th)M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com