Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD845C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRD845C
Description  8 Amp Schottky Barrier Rectifier 45 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRD845C Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRD845C Datasheet HTML 1Page - Micro Commercial Components MBRD845C Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRD
845C
8 Amp Schottky
Barrier Rectifier
45 Volts
Features
•
Pb-Free Package
•
Have Over Voltage protect loop,high reliability.
•
Extremely Low Forward Drop
.
Maximum Ratings
•
Operating Temperature:-
55℃ to +150℃
•
•
Storage Temperature: -
55℃ to +150℃
Typical Thermal Resistance (Per Leg): 3℃/W Junction To Case
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximu
m RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Rectified
Forward Current (Rated
VR-20Khz Square
Wave) - 50% duty cycle
IF(AV)
8.0A
TC=115°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
VF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
www.mccsemi.com
Revision: A
201
7/03/31
MBRD
845C
845C
45V
32V
45V
Maximum
Instantaneous
Forward
Voltage
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.087
0.094
2.20
2.40
B
0.000
0.005
0.00
0.13
C
0.026
0.034
0.66
0.86
D
0.018
0.023
0.46
0.58
E
0.256
0.264
6.50
6.70
F
0.201
0.215
5.10
5.46
G
0.190
4.83
H
0.236
0.244
6.00
6.20
J
0.386
0.409
9.80
10.40
INCHES
O
0.043
0.051
1.10
1.30
Q
A
D
B
L
G
V
K
C
I
J
H
O
M
F
1
2
I
0.086
0.094
2.18
2.39
K
0.114
2.90
L
0.055
0.067
1.40
1.70
M
0.063
1.60
Q
0.000
0.012
0.00
0.30
V
0.211
5.35
E
3
(TO-252) DPAK
Micro Commercial Components
M C C
R
0.51V
0.1mA
TJ = 25
℃
IF =
8.0A; TJ = 25℃
IR
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MBRD845C

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBRD845 SKTECHNOLGY-MBRD845 Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
MBRD845/S WTE-MBRD845/S Datasheet
54Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
September, 2019
MBRD845/S-T3 WTE-MBRD845/S-T3 Datasheet
54Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
September, 2019
logo
Microdiode Semiconducto...
MBRD845D CHENDA-MBRD845D Datasheet
1Mb / 4P
SCHOTTKY BARRIER GLASS PASSIVATED RECTIFIERS
MBRD845T CHENDA-MBRD845T Datasheet
1Mb / 4P
SCHOTTKY BARRIER GLASS PASSIVATED RECTIFIERS
More results

Similar Description - MBRD845C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F Datasheet
92Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545 MCC-MBR545_08 Datasheet
122Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F_08 Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com