Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRL20100FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRL20100FCT
Description  20 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRL20100FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRL20100FCT Datasheet HTML 1Page - Micro Commercial Components MBRL20100FCT Datasheet HTML 2Page - Micro Commercial Components MBRL20100FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
20 Amp
Low VF
Schottky
Barrier Rectifier
MBRL20100FCT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
ITO-220AB
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.5
67
.6
26
14.
40
15.
90
B
---
.4
21
---
10.
70
N
.0
83
.
126
2.
10
3.20

O
F
C
.
085
.1
28
2.
15
3.25
D
.248
.272
6.30
6.90
E
---
.1
77
---
4.
50
F
---
.071
---
1.80
G
.5
04
.5
59
1
2.70
1
4.20
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.1
02
2.60
3.
80
L
---
.
201
---
5.10
M
---
.1
40
---
3.
56
O
---
.055
---
1.40
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
Maximum Ratings
100
~150 Volts
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Revision:
B
20
16/10/23
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Low Power Loss,High Efficiency
•
High Surge Current Capacity
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
MBRL20150FCT
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRL20100FCT MBRL20100FCT
100V
70V
100V
MBRL20150FCT MBRL20150FCT
1
50V
105V
1
50V
Micro Commercial Components
M C C
R
.
150
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.7
2V
IFM =
10A;
TA =25°C
IR
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
TA = 25°C
TA = 125°C
0.1mA
30mA
MBRL20100FCT
MBRL20150FCT
.
90V
TC=
90°C
Current Squared
Time
I2t
166 A2s
Typical Thermal
Resistance
RthJC
4.0 oC/W
1ms≤t<8.3ms Tj=25℃
Rating of per diode


Similar Part No. - MBRL20100FCT

ManufacturerPart #DatasheetDescription
logo
RFE international
MBRL20100FCT RFE-MBRL20100FCT Datasheet
1Mb / 3P
Schottky Diodes
11-21-2022
More results

Similar Description - MBRL20100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR12U100L MCC-MBR12U100L_16 Datasheet
322Kb / 3P
12 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR10100ULPS MCC-MBR10100ULPS_16 Datasheet
207Kb / 3P
10 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR12100LPS MCC-MBR12100LPS_17 Datasheet
663Kb / 3P
12 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR12150LPS MCC-MBR12150LPS Datasheet
312Kb / 2P
12 Amp Low VF Schottky Barrier Rectifier 150 Volts
MBR15100ULPS MCC-MBR15100ULPS Datasheet
320Kb / 2P
15 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBRL2045FCT MCC-MBRL2045FCT Datasheet
438Kb / 3P
45 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRL10100FCT MCC-MBRL10100FCT Datasheet
370Kb / 3P
10 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
MBRL20100CT MCC-MBRL20100CT Datasheet
334Kb / 3P
100 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRL20150CT MCC-MBRL20150CT Datasheet
411Kb / 3P
150 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRLP20100 MCC-MBRLP20100 Datasheet
333Kb / 2P
20 Amp Low VF Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com