Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3116B Datasheet(PDF) 5 Page - Micronas

Part # VDP3116B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3116B Datasheet(HTML) 5 Page - Micronas

  VDP3116B Datasheet HTML 1Page - Micronas VDP3116B Datasheet HTML 2Page - Micronas VDP3116B Datasheet HTML 3Page - Micronas VDP3116B Datasheet HTML 4Page - Micronas VDP3116B Datasheet HTML 5Page - Micronas VDP3116B Datasheet HTML 6Page - Micronas VDP3116B Datasheet HTML 7Page - Micronas VDP3116B Datasheet HTML 8Page - Micronas VDP3116B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
5
Micronas
Video, Display, and Deflection Processor
Release Notes: This data sheet describes functions
and characteristics of the VDP 31xxB–C2. Revision
bars indicate significant changes to the previous
edition.
1. Introduction
The VDP 31xxB is a Video IC family of high-quality
single-chip video processors. Modular design and a
submicron technology allow the economic integration of
features in all classes of TV sets. The VDP 31xxB family
is based on functional blocks contained in the two chips:
VPC 3200A Video Processor and DDP 3300A Display
and Deflection Processor.
Each member of the family contains the entire video,
display, and deflection processing for 4:3 and 16:9
50/60 TV sets. Its performance and flexibility allow the
user to standardize his product development. Hardware
and software applications can profit from the modularity,
as well as manufacturing, systems support, or mainte-
nance. An overview of the VDP 31xxB video processor
family is shown in Fig. 1–1.
n
n
VDP 31xxB
n
n
VDP 3104B
VDP 3108B
VDP 3112B
VDP 3116B
VDP 3120B
n
n
n
n
nn
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Family
n
Fig. 1–1: VDP 31xxB family overview
n
VIN2
VIN3
RGB OUT
20.25
MHz
Color
Decoder
Horizontal
Scaler
Sync & Deflection
Clock Gen.
DCO
NTSC,
PAL,
SECAM
AGC,
2*8bit ADC
VIN1
VIN4
Analog
Frontend
Display
Processor
I2C
VOUT
I2C
Fig. 1–2: Block diagram of the VDP 3120B
Analog
Backend
RGB Matrix,
CLUT,
Scan Veloc.
3*10bit DAC,
Tube Control,
RGB Switch
Measurement
ADC
H/V/EW
RGB/FB IN1
SVM
Sense
2H
Adaptive
Combfilter
RGB/FB IN2
Panorama
Mode
Color Bus
XREF
Half Contrast
VRT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com