Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7140QJ Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7140QJ
Description  1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7140QJ Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7140QJ Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7140
1.0625 Gb/s Fibre Channel
Dual Repeater / Hub Node
G52180-0, Rev 4.0
Page 5
10/23/00
©
VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Characteristics
Figure 3: AC Timing Diagrams
Table 1: AC Characteristics (Over recommended operating conditions).
Parameters
Description
Min.
Max.
Units
Conditions
Differential Inputs/Outputs
TP
Latency from Serial Input (RXn/
SIn) to Serial Output (TXn/SOn)
0.25
7.0
ns
TS
Differential Output Rise/Fall time
—
300
ps
Between 20% and 80%
Reference Clock Requirements
TT
REFCLK input rise/fall times
—
2.0
ns
Between VIL(MAX) and VIH(MIN)
F
REFCLK Frequency
105
52.5
108
54
MHz
106.25 MHz Nom.; REFSEL is HIGH
53.125 MHz Nom.; REFSEL is LOW
FO
Frequency Offset
-200
+200
ppm
Maximum frequency offset between
10 or 20 times REFCLK and the
datarate of the serial input to the CRU.
DC
REFCLK Duty Cycle
35
65
%
Measured at 1.5V
TH , TL
REFCLK Input HIGH/LOW time
2.5
—
ns
From VIH(MIN) to VIH(MIN) or
VIL(MAX) to VIL(MAX)
TP
TP
TS
RXn,
SOn,
TXn
REFCLK
TT
TT
TH
TL
T
VIH(MIN)
VIL(MAX)
80%
20%
TS
SIn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com