Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8062FC Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8062FC
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8062FC Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8062FC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52069-0, Rev 4.3
Page 7
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8061/VSC8062
Multiplexer/Demultiplexer Chipset
2.5Gb/s 16-Bit
Absolute Maximum Ratings(1)
Power Supply Voltage (VTT) ............................................................................................................ -3.0V to 0.5V
Power Supply Voltage (VEE) .................................................................................................VTT + 0.7V to -7.0V
Input Voltage Applied (2) (VECLIN) .................................................................................................. -2.5V to 0.5V
High-Speed Input Voltage Applied (2) (VHSIN) ...............................................................VEE-0.7V to VCC +0.7V
Output Current, IOUT (DC, output HI) ........................................................................................................-50mA
Case Temperature Under Bias (TC)................................................................................................ -55oC to 125oC
Storage Temperature (TSTG) .......................................................................................................... -65oC to 150oC
NOTES: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing perma-
nent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
(2) VTT must be applied before the magnitude of any input signal voltage (|VIN|, |VHSIN|) can be greater than |VTT - 0.5V|.
Recommended Operating Conditions
Power Supply Voltage (VTT) .................................................................................................................-2.0V%
Power Supply Voltage (VEE) .................................................................................................................-5.2V%
Operating Temperature Range(1) (T)............................(Commercial) 0oC to +70oC, (Industrial) -40oC to +85oC
NOTE: (1) Lower limit of specification is ambient temperature and upper limit is case temperature.
ESD Ratings
For performance considerations, minimum ESD protection is provided for the high-speed input pins. There-
fore, proper procedures should be used when handling these products. The VSC8061/8062 are rated to the fol-
lowing ESD voltages based on the human body model:
1. All high-speed input pins are rated at or above 500V.
2. All other pins are rated at or above 2000V.
The above ratings apply to both “F” and “QH” packages.
5
±
5
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com