Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT3591 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT3591
Description  SINGLECHIP V. 35 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591 Datasheet(HTML) 3 Page - Exar Corporation

  XRT3591 Datasheet HTML 1Page - Exar Corporation XRT3591 Datasheet HTML 2Page - Exar Corporation XRT3591 Datasheet HTML 3Page - Exar Corporation XRT3591 Datasheet HTML 4Page - Exar Corporation XRT3591 Datasheet HTML 5Page - Exar Corporation XRT3591 Datasheet HTML 6Page - Exar Corporation XRT3591 Datasheet HTML 7Page - Exar Corporation XRT3591 Datasheet HTML 8Page - Exar Corporation XRT3591 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XRT3591B
  
PIN CONFIGURATIONS
24 Lead SOIC (Jedec, 0.300”)

!

(



!
!
!!
!
!



(



!

24 Lead PDIP (0.600”)


B*,
2
2!
5 ?
5!)
5!?
5)
5?
2!?
2 )
2 ?
5 )
2
9
9!
5
5!
5
9
2)
2?
2!)

B*,
2
2!
5 ?
5!)
5!?
5)
5?
2!?
2 )
2 ?
5 )
2
9
9!
5
5!
5
9
2)
2?
2!)

!


!
!

(



(






!
!!
!
!
PIN DESCRIPTION
Pin #
Symbol
Type
Signal
Description


)
)
)&?C) ! '
!

)
)
?&?C) ! '
B*,
)
)
B.#

2
2
9
%  .
2!
2
9
% ! .
(
2
2
9
% .
9
2
9
4#   & Table 1 1 #'

9!
2
9
4#  ! & Table 1 1 #'

5
5
9
 ..

5!
5
9
 ! ..

5
5
9
  ..
!
9
2
9
4#   & Table 1 1 #'

2)
2
   .

2?
2
   .

2!)
2
 !  .
(
2!?
2
 !  .

2 )
2
  .

2 ?
2
  .

5 )
5
%  ..
!
5 ?
5
%  ..
!
5!)
5
% !  ..
!!
5!?
5
% !  ..
!
5)
5
%   ..
!
5?
5
%   ..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com