Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RClamp0502BATCT Datasheet(PDF) 2 Page - Semtech Corporation

Part # RClamp0502BATCT
Description  Low Capacitance RailClamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RClamp0502BATCT Datasheet(HTML) 2 Page - Semtech Corporation

  RClamp0502BATCT Datasheet HTML 1Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 2Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 3Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 4Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 5Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 6Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 7Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RClamp0502BA
Final Datasheet
Rev 4.0
Revision Date
6/6/2017
www.semtech.com
2 of 8
Semtech
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power (tp = 8/20µs)
P
PK
125
W
Peak Pulse Current (tp = 8/20µs)
I
PP
5
A
ESD per IEC 61000-4-2 (Air)(1)
ESD per IEC 61000-4-2 (Contact)(1)
V
ESD
±18
±12
kV
Operating Temperature
T
J
-55 to +125
O
C
Storage Temperature
T
STG
-55 to +150
O
C
Electrical Characteristics (T=25OC unless otherwise specified)
Parameter
Symbol Conditions
Min. Typ. Max. Units
Reverse Stand-Off Voltage
V
RWM
Pin 1 or Pin 2 to Pin 3, and between Pin 1 & 2
5
V
Reverse Breakdown Voltage V
BR
I
BR = 1mA, Pin 1 or Pin 2 to Pin 3
6
V
Reverse Leakage Current
I
R
V
RWM = 5V, Pin 1 or Pin 2 to Pin 3 and
between Pin 1 & 2
1
μA
Clamping Voltage
V
C
t
p = 8/20μs
Pin 1 or Pin 2 to Pin 3
I
PP = 1A
15
V
t
p = 8/20μs
Pin 1 or Pin 2 to Pin 3
I
PP = 5A
22
t
p = 8/20μs
between Pin 1 & 2
I
PP = 5A
25
Junction Capacitance
C
J
V
R = 0V, f = 1MHz
Pin 1 to Pin 2
0.5
0.9
pF
Pin 1 or Pin 2 to Pin 3
1.2
pF
Notes:
1) ESD gun return path connected to ESD ground plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com